Part Number Hot Search : 
0100A 2PF140 F1003 50010 LA4510 HMC969 FT232 GRM155
Product Description
Full Text Search
 

To Download C14D32P-C1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 rev. page date 1 of 5
02/2010
PART NUMBER: C14
DESCRIPTION: panel mount optical encoder
ELECTRICAL SPECIFICATIONS
supply voltage supply current output code power consumption angle of throw 5 V dc 5% (optional: 3.3 V dc 10%) 20 mA max. (open collector) 2-bit Quadature, Channel A leads Channel B by 90 with clockwise rotation 100 mW 22.5 for code change and 16 detent positions 11.25 for code change and 32 detent positions
MECHANICAL SPECIFICATIONS
operational torque without detent 16 position w/detent 32 position w/detent radial thrust 0.2 N*cm (20.4 gf*cm max.) 0.4 0.2 N*cm (40.8 20.4 gf*cm) 0.4 0.2 N*cm (40.8 20.4 gf*cm) 100 N*cm (10.2 kgf*cm) 10 N (1.02 kgf) 15 N (1.53 kgf) 1,000,000 cycles 11 g
mounting torque shaft strength rotational life weight (approx)
PUSH SWITCH SPECIFICATIONS
rated voltage contact resistance insulation resistance voltage proof operating force travel bounce life 12 V dc, 50 mA 200 m max. 100 m min. 250 V ac for 1 minute 4.5 1 N (459 102 g*f) 0.5 0.3 mm 10 msec. 1,000,000
ENVIRONMENTAL SPECIFICATIONS
operating temp. range storage temp. range vibration shock cold proof heat proof change to temp. humidity 0 to +60 C -20 ~ 80C frequency range: 10 ~ 55 Hz, peak to peak amplitude: 1.5 mm 50 G for 11 ms, half sine wave -20C for 96 hours 80C for 96 hours -10 ~ 70C for 30 minutes each 90 ~ 95% for 96 hours at 40C
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
rev. page date 2 of 5
02/2010
PART NUMBER: C14
DESCRIPTION: panel mount optical encoder
ORDERING INSTRUCTIONS
C14 X XX X - X X X X
Detent: D = with detent N = without detent Angle of throw: 16 = 22.5 for code change and 16 detent positions 32 = 11.25 for code change and 32 detent positions Input voltage: "blank" = 5 V input 3 = 3.3 V input Waterproof: "blank" = standard A = IP65
Push switch: P = with push switch N = without push switch
Termination: A = o 0.5 mm holes B = 130 mm cable with connector C = with header I D = with header II E = horizontal PCB F = vertical PCB
Shaft diameter: 1 = 3.175 mm (1/8") 2 = 6 mm 3 = 6.35 mm (1/4")
CIRCUIT CONNECTION
WATER PROOF MOUNTING
Protects against ingress of water from mounting panel side only.
(3.3 V optional)
OUTPUT WAVEFORM
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
rev. page date 3 of 5
02/2010
PART NUMBER: C14
DESCRIPTION: panel mount optical encoder
OPTIONS
Mounting Hole Dimensions (for A, B, and C)
Mounting panel thickness: 3.5 mm max.
Mounting Hole dimensions and Footprint for D (0.5 mm)
Mounting panel thickness: 3.5 mm max.
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
rev. page date 4 of 5
02/2010
PART NUMBER: C14
DESCRIPTION: panel mount optical encoder
OPTIONS CONTINUED
Mounting Hole Dimensions (for E and F)
Mounting panel thickness: 3.5 mm max.
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
rev. page date 5 of 5
02/2010
PART NUMBER: C14
DESCRIPTION: panel mount optical encoder
MECHANICAL DRAWING
3.175 mm
6.0 mm
6.35 mm
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383


▲Up To Search▲   

 
Price & Availability of C14D32P-C1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X